Part Number Hot Search : 
BR30100 FOD817AW GPM55B SL431 CE58A BAV19 CONDUCT T311016
Product Description
Full Text Search
 

To Download LCDP1511D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
LCDP1511D
DUAL LINE PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Application Specific Discretes A.S.D.TM
FEATURES
Dualline programmable transient suppressor Wide negative firing voltage range : VMGL = -80V Low dynamic switching voltages : VFP and VDGL Low gate triggering current : IGT = 5mA max Peak pulse current : IPP = 15 A (10/1000 s) Holding current : IH > 150 mA
DESCRIPTION The LCDP1511D is a dual line protector which protects subscriber line interface circuits (SLIC) against transient overvoltages. Positive overvoltages are clamped with diodes towards GND, while negative overvoltages are suppressed by thyristors connected to GND. The breakdown voltage of the thyristors is determined by the voltage applied to the gate, generally -Vbat. SO8
FUNCTIONAL DIAGRAM
TIP 1
1
8
RING 1
GATE
2
7
GND
GATE
3
6
GND
TIP 2
4
5
RING 2
COMPLIES WITH THE FOLLOWING STANDARDS:
ITU-T K20 VDE0433 VDE0878 IEC1000-4-5 FCC Part 68 BELLCORE NWT-001089-CORE
Peak Surge Voltage (V) 1000 2000 1500 level 2 level 2 1500 800 2500 1000
Voltage Waveform (s) 10/700 10/700 1.2/50 10/700 1.2/50 10/160 10/560 2/10 10/1000
Current Waveform (s) 5/310 5/310 1/20 5/310 8/20 10/160 10/560 2/10 10/1000
Admissible Ipp (A) 25 25 40 25 25 30 20 70 15
Necessary Resistor () 40 5 25 45
1/6
September 1999 - Ed:2A
LCDP1511D
ABSOLUTE MAXIMUM RATINGS (Tamb = 25C). Symbol IPP Parameter
Peak pulse current (see note1)
Value 10/1000s 5/310s 2/10s tp = 10ms tp = 1s 15 25 70 5 3.5 80 80 - 55 to + 150 260
Unit A
IFSM VMLG VMGL Tstg TL
Non repetitive surge peak on-state current (see note2) Maximum voltage LINE/GND Maximum voltage GATE/LINE Storage temperature range Lead temperature for soldering during 10s
A V C C
Note 1: Pulse waveform 10 / 1000 s 5 / 310 s 2 / 10 s
tr = 10 s tr = 5 s tr = 2 s
tp = 1000 s tp = 310 s tp = 10 s
% IPP
100 50 0 tr tp
Note 2 : Maximum current flowing through the 4 wires together.
t
THERMAL RESISTANCE Symbol Rth (j-a)
Junction to ambient
Parameter
Value 170
Unit C/W
ELECTRICAL CHARACTERISTICS (Tamb = 25C) Symbol IGT IH IRM IRG VRM VGT VF VFP VDGL VGATE VRG C Parameter
Gate triggering current Holding current Reverse leakage current LINE / GND Reverse leakage current GATE / LINE Reverse voltage LINE / GND Gate triggering voltage Forward drop voltage LINE / GND Peak forward voltage Dynamic switching voltage GATE / LINE GATE / GND voltage Reverse voltage GATE / LINE Capacitance LINE / GND
IPP VDGL VR VRM VF IRM IR IH
2/6
LCDP1511D
PARAMETERS RELATED TO THE DIODE LINE / GND (Tamb = 25C) Symbol VF VFP (note 1)
Square pulse : tp = 500s 10/700s 1.2/50s 2/10s 1kV 1.5kV 2.5kV
Test conditions
IF = 1A RP = 60 RP = 60 RP = 245 IPP = 10A IPP = 15A IPP = 10A
Max 2 5 10 20
Unit V V
note 1 : see test circuit for VFP, RP is the protection resistor located on the line card
PARAMETERS RELATED TO THE PROTECTION THYRISTOR (Tamb = 25C) Symbol IGT IH VGT IRG VDGL Test conditions
VGND / LINE = -48V VGATE = -48V (see note 2) at IGT VRG = -75V VGATE = -48V 10/700s 1.2/50s 2/10s (see note 3) 1kV 1.5kV 2.5kV RP = 60 RP = 60 RP =245 IPP = 10A IPP = 15A IPP = 10A
Min
Max 5
Unit mA mA
150 2.5 5
V A
7 15 20
V
note 2 : see functional holding current test circuit note 3 : See test circuit for VDGL The oscillations with a time duration lower than 50ns are not taken into account
PARAMETERS RELATED TO LINE / GND (Tamb = 25C) Symbol IRM C
VGATE / LINE = -1V
Test conditions
VRM = -75V
Max 5 200 100
Unit A pF
VR = -3V F = 1MHz VR = -48V F = 1MHz
Fig. 1: Surge peakcurrent versus overloadduration.
Fig. 2: Relative variation of holding current versus junction temperature.
IH[Tj] / IH[Tj=25C]
ITSM(A) 7 6 5 4 3 2 1 t(s) 0 0.01 0.10 1.00 10.00 100.00 1000.00
F=50Hz Tj initial=25C
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 -40
Tj(C) -20 0 20 40 60 80 100 120
3/6
LCDP1511D
FUNCTIONAL HOLDING CURRENT (IH) TEST CIRCUIT : GO-NO GO TEST
R - VP VBAT = - 48 V
D.U.T.
Surge generator
This is a GO-NO GO test which allows to confirm the holding current (IH ) level in a functionaltest circuit. TEST PROCEDURE : - Adjust the current level at the IH value by short circuiting the D.U.T. - Fire the D.U.T. with a surge current : IPP = 15A, 10/1000s. - The D.U.T. will come back to the off-state within a duration of 50ms max.
TEST CIRCUIT FOR VFP AND VDGL PARAMETERS
(V is defined in unload condition)
P
R4 TIP R2 RING R3
L
VP
C1
R1
C2
G ND
Pulse (s) tr 10 1.2 2 tp 700 50 10
Vp (V) 1000 1500 2500
C1 (F) 20 1 10
C2 (nF) 200 33 0
L (H) 0 0 1.1
R1 () 50 76 1.3
R2 () 15 13 0
R3 () 25 25 3
R4 () 25 25 3
IPP (A) 10 15 10
Rp () 60 60 245
4/6
LCDP1511D
APPLICATION CIRCUIT: PABX line protection
LCDP1511D
PTC or Fuse
-Vbat
RP
Line 1
Ring relay protection
Ring relay 1
SLIC
RP P
PTC or Fuse
-Vbat
PTC or Fuse
RP
Line 2
Ring relay protection
Ring relay 2
SLIC
RP
PTC or Fuse
APPLICATION CIRCUIT: Line Card protection
LCDP1511D
PTC or Fuse RP
-Vbat
Line 1
CLP30-200B1
Ring relay 1
SLIC
RP
PTC or Fuse
-Vbat
PTC or Fuse RP
Line 2
CLP30-200B1
Ring relay 2
SLIC
RP
PTC or Fuse
5/6
LCDP1511D
PACKAGE MECHANICAL DATA SO8 (Plastic) DIMENSIONS REF. A a1
L c1 C a3 a2 A b1
Millimetres Inches Min. Typ. Max. Min. Typ. Max. 0.1 0.65 0.35 0.19 0.25 4.8 5.8 1.27 3.81 3.8 0.4 4.0 0.15 1.27 0.016 0.6 8 (max) 0.50 1.75 0.25 0.004 1.65 0.85 0.025 0.48 0.014 0.25 0.007 0.50 0.010 45 (typ) 5.0 6.2 0.189 0.228 0.050 0.150 0.157 0.050 0.024 0.069 0.010 0.065 0.033 0.019 0.010 0.020 0.197 0.244
a2 a3 b b1 C c1 D E e e3 F L M S
S
b e3
e
a1 E
D M
8
5 F
1
4
Ordre code LCDP1511D LCDP1511DRL
Marking LCDP15 LCDP15
Package SO8 SO8
Weight 0.077 g 0.077 g
Base qty 100 2500
Delivery mode Tube Tape & reel
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics (c) 1999 STMicroelectronics - Printed in Italy - All rights reserved. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com
6/6


▲Up To Search▲   

 
Price & Availability of LCDP1511D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X